PART |
Description |
Maker |
2SC4157 E000909 |
From old datasheet system NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS) SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
2SC3405 E000840 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba Semiconductor
|
2SC3675 |
900V/100mA High-Voltage Amplifier High-Voltage Switching Applications High-Voltage Amp, High-Voltage Switching Applications High-Voltage Amp High-Voltage Switching Applications High-Voltage Amp/ High-Voltage Switching Applications
|
SANYO[Sanyo Semicon Device]
|
2SC3425 2SC3426 E000846 |
TRANSISTOR SILICON NPN DIFFUSED TYPE (PCT PROCESS) From old datasheet system NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING HIGH SPEED DC-DC CONVERTER APPLICATIONS) SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
2SC4633LS |
NPN Triple Diffused Planar Silicon Transistor 1200V / 30mA High-Voltage Amplifier, High-Voltage Switching Applications 1200V/30mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4634LS |
NPN Triple Diffused Planar Silicon Transistor 1500V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1500V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
KSC2335 KSC2335OTU KSC2335R KSC2335RTU KSC2335Y KS |
NPN Epitaxial Silicon Transistor High Speed, High Voltage Switching High Speed/ High Voltage Switching
|
FAIRCHILD[Fairchild Semiconductor]
|
CMPD2004S CMPD2003 CMPD2003C CMPD2003S CMPD2004 CM |
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE SMD Switching Diode Dual: High Voltage: Common Anode
|
CENTRAL[Central Semiconductor Corp]
|
2SA1871 2SA1871-GA1-AZ |
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING 进步党三重扩散硅晶体管高速高压开 1 A, 600 V, PNP, Si, POWER TRANSISTOR High-speed high-voltage switching PNP 3-diffusion trans
|
NEC, Corp. NXP Semiconductors N.V. NEC[NEC]
|
CMHD7006 |
SMD Switching Diode Single: High Voltage SURFACE MOUNT VERY HIGH VOLTAGE SILICON SWITCHING DIODE
|
CENTRAL[Central Semiconductor Corp]
|